Part Number Hot Search : 
FL4105 A105M BR3050 SMLJ22A 656O25P PE9300 RUE300 0N06S
Product Description
Full Text Search
 

To Download P6KE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  P6KE series glass passivated junction transient voltage suppressor v oltage - 6.8 to 600 volts 600 watt peak power / 5.0 watt steady state uni-polar bi-polar P6KE6.8a P6KE6.8ca 5.80 6.45 7.14 10 10.5 58.1 6 00 P6KE7.5a P6KE7.5ca 6.40 7.13 7.88 10 11.3 54.0 40 0 P6KE8.2a P6KE8.2ca 7.02 7.79 8.61 10 12.1 50.4 2 00 P6KE9.1a P6KE9.1ca 7.78 8.65 9.55 1 13.4 45.5 5 0 P6KE10a P6KE10ca 8.55 9.50 10.50 1 14.5 42.1 10 P6KE11a P6KE11ca 9.40 10.50 11.60 1 15.6 39.1 5 P6KE12a P6KE12ca 10.20 11.40 12.60 1 16.7 36.5 5 P6KE13a P6KE13ca 11.10 12.40 13.70 1 18.2 33.5 1 P6KE15a P6KE15ca 12.80 14.30 15.80 1 21.2 28.8 1 P6KE16a P6KE16ca 13.60 15.20 16.80 1 22.5 27.1 1 P6KE18a P6KE18ca 15.30 17.10 18.90 1 25.2 24.2 1 P6KE20a P6KE20ca 17.10 19.00 21.00 1 27.7 22.0 1 P6KE22a P6KE22ca 18.80 20.90 23.10 1 30.6 19.9 1 P6KE24a P6KE24ca 20.50 22.80 25.20 1 33.2 18.4 1 P6KE27a P6KE27ca 23.10 25.70 28.40 1 37.5 16.3 1 P6KE30a P6KE30ca 25.60 28.50 31.50 1 41.4 14.7 1 P6KE33a P6KE33ca 28.20 31.40 34.70 1 45.7 13.3 1 P6KE36a P6KE36ca 30.80 34.20 37.80 1 49.9 12.2 1 P6KE39a P6KE39ca 33.30 37.10 41.00 1 53.9 11.3 1 P6KE43a P6KE43ca 36.80 40.90 45.20 1 59.3 10.3 1 P6KE47a P6KE47ca 40.20 44.70 49.40 1 64.8 9.4 1 P6KE51a P6KE51ca 43.60 48.50 53.60 1 70.1 8.7 1 P6KE56a P6KE56ca 47.80 53.20 58.80 1 77.0 7.9 1 P6KE62a P6KE62ca 53.00 58.90 65.10 1 85.0 7.2 1 P6KE68a P6KE68ca 58.10 64.60 71.40 1 92.0 6.6 1 P6KE75a P6KE75ca 64.10 71.30 78.80 1 103.0 5.9 1 P6KE82a P6KE82ca 70.10 77.90 86.10 1 113.0 5.4 1 P6KE91a P6KE91ca 77.80 86.50 95.50 1 125.0 4.9 1 P6KE100a P6KE100ca 85.50 95.00 105.00 1 137.0 4.5 1 P6KE110a P6KE110ca 94.00 105.00 116.00 1 152.0 4.0 1 P6KE120a P6KE120ca 102.00 114.00 126.00 1 165.0 3.7 1 P6KE130a P6KE130ca 111.00 124.00 137.00 1 179.0 3.4 1 P6KE150a P6KE150ca 128.00 143.00 158.00 1 207.0 2.9 1 P6KE160a P6KE160ca 136.00 152.00 168.00 1 219.0 2.8 1 P6KE170a P6KE170ca 145.00 162.00 179.00 1 234.0 2.6 1 P6KE180a P6KE180ca 154.00 171.00 189.00 1 246.0 2.5 1 P6KE200a P6KE200ca 171.00 190.00 210.00 1 274.0 2.2 1 P6KE220a P6KE220ca 185.00 209.00 231.00 1 328.0 1.9 1 P6KE250a P6KE250ca 214.00 237.00 263.00 1 344.0 1.8 1 P6KE300a P6KE300ca 256.00 285.00 315.00 1 414.0 1.5 1 P6KE350a P6KE350ca 300.00 332.00 368.00 1 482.0 1.3 1 P6KE400a P6KE400ca 342.00 380.00 420.00 1 548.0 1.1 1 P6KE440a P6KE440ca 376.00 418.00 462.00 1 602.0 1.0 1 P6KE480a P6KE480ca 408.00 456.00 504.00 1 658.0 0.9 1 P6KE510a P6KE510ca 434.00 485.00 535.00 1 698.0 0.9 1 P6KE530a P6KE530ca 477.00 503.50 556.50 1 725.0 0.8 1 P6KE540a P6KE540ca 459.00 513.00 567.00 1 740.0 0.8 1 P6KE550a P6KE550ca 495.00 522.50 577.50 1 760.0 0.8 1 P6KE600a P6KE600ca 512.00 570.00 630.00 1 828.0 0.75 1 for bidirectional type having vrwm of 10 volts and less, the ir limit is double. for parts with a , the v br is 5 % P6KE part number reverse stand- off voltage v rwm (v) breakdown voltage v br (v) min.@i t breakdown voltage v br (v) max.@i t test current i t (ma) maximum clamping voltage @ipp vc(v) peak pulse current ipp(a) reverse leakage @v rwm i r (a) * ?a3??eo? stand for commonly used models " * " " * " * * * * * * * * * * * * * * * * * * * * * * * * * * * * p 6 ke ( 6 00w) ser ies 01 | www.spsemi.cn rev.2014.05.01
features plastic package glass passivated chip junction in do-15 package 600w surge capability at 10/1000 s wave form excellent clamping capability low zener impedance typical ir less than 1a above 10v high temperature soldering guaranteed: 265c/10 seconds/.375", (9.5mm) lead length, 5lbs., (2.3kg) tension pb-free plated mechanical data case : jedec do-15 molded plastic terminal : solderable per mil-std-750, method 2026 polarity : color band denotes cathode except bipolar mounting position : any weight : 0.015 ounce, 0.4 grams symbol value units p ppm minimum 600 watts p m(av) 5 watts i fsm 100 amps t j , t stg -55 to + 175 notes : 1.non-repetitive current pulse , per fig. 3 and derated above t a = 25 per fig. 2 . 2.mounted on copper pad area of 1.61.6" (4040mm) per fig. 5. 3.8.3ms single half sine-wave , or equivalent square wave, duty cycle = 4 pulses per minutes maximum. P6KE series glass passivated junction transient voltage suppressor v oltage - 6.8 to 600 volts 600 watt peak power / 5.0 watt steady state devices for bipolar application for bidirectional use c or ca suffix for types P6KE 6.8 thru types P6KE600 (e.g. P6KE6.8c , P6KE600ca) electrical characteristics apply in both directions steady state power dissipation at t l = 75 ,lead lengths.375",(9.5mm) (note 2) peak forward surge current,8.3ms single half sine-wave superimposed on rated load,(jedec method) (note 3) operating junction and storage temperature range fast response time: typically less than 1.0ps from 0 volts to bv min. ratings at 25 ambient temperature unless otherwise specified. maximum ratings and characteristics rating peak pulse power dissipation at t a = 25 , t p = 1ms (note 1) 1 . 0 (2 5.4 ) min . 0 . 14 0 (3.6 ) 0 . 10 4 (2.6 ) di a . 0 . 03 4 (0.8 6) 0 . 02 8 (0.7 1) di a . do-204a c (d o-15) d i mensions in inches and( milli met e r s ) 0 . 30 0 (7.6 ) 0 . 23 0 (5.8 ) 1 . 0 (2 5.4 ) min . p 6 ke ( 6 00w) ser ies 0 2 | www.spsemi.cn rev.2014.05.01
ratings and characteristic curves 0 100 200 300 400 500 600 p 6 ke ( 6 00w) ser ies 0 3 | www.spsemi.cn rev.2014.05.01


▲Up To Search▲   

 
Price & Availability of P6KE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X